Part Number Hot Search : 
1SS35 66TQC LC510 BT817A SMCJNNCA 2SK80 M50V6 GT50J327
Product Description
Full Text Search
 

To Download APHS1005SYCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0x0.5mm SMD CHIP LED LAMP
APHS1005SYCK SUPER BRIGHT YELLOW
Features
!1.0mmx0.5mm SMT LED, 0.5mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS COLORS AND LENS TYPES AVAILABLE. !PACKAGE
Description
The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
: 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0313 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/24/2001 DRAWN: Y.F.XU
PAGE: 1 OF 4
Selection Guide
Iv (m c d ) @ 20 m A Min . APHS1005SYCK SUPER BRIGHT YELLOW ( InGaAlP ) WATER CLEAR 30 Ty p . 60 V i ew i n g An g l e 21/2 120
Par t No .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Halfwidth Capacitance Forward Voltage Reverse Current D ev i c e Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Ty p . 590 590 20 20 2.0 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA V R = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Su p er B r ig h t Yello w 125 30 175 5 -40C To +85C -40C To +85C
Un it s mW mA mA V
SPEC NO: CDA0313 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/24/2001 DRAWN: Y.F.XU
PAGE: 2 OF 4
Super Bright Yellow APHS1005SYCK
SPEC NO: CDA0313 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/24/2001 DRAWN: Y.F.XU
PAGE: 3 OF 4
APHS1005SYCK SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: CDA0313 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/24/2001 DRAWN: Y.F.XU
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APHS1005SYCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X